Part Number Hot Search : 
2K503 NTE2555 TA0275A MC1303 AN1293 AN1293 GBJ10G ACT4060B
Product Description
Full Text Search
 

To Download MS-105-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MS-105 Micro-miniature Reed Sensor 12.7 mm PCB mounting pitch
Manufactured with internal blades parallel to top surface All dimensions in mm Does not require power for operation Normally open (NO) form A contact Omni-polar device; actuates with either pole of magnet Lead (Pb) free and RoHS compliant Applications This reed sensor is suitable for use in the following applications and many others: telephone hook switches, detergent level sensing in washing machines, electric tooth brushes, sewing machine pedals, fluid tank cap sensing, two wheeler side stand, fluid level sensing, automobiles with electronic keys, survival rafts and ELTs, hands free kits, fuel pumps, pedometers... Specification Contact Form Contact Rating (max) Switching Current (max) Carry Current (max) Switching Voltage (max) Breakdown Voltage (min) Initial Contact Resistance (max) Operating Temperature Shock Resistance (1/2Sin wave for 11ms) Vibration Resistance (10-2000Hz) Ordering Code MS-105-(Operate AT Code) OAT Code 1 10 - 15 2 15 - 20 3 20 - 25 Cropping the leads will increase OAT and RAT Example MS-105-2 denotes 15-20 operate AT.
W / VA A A VDC VDC m C g g
A 10.0 0.5 0.75 100 150 150 -40 to +100 30 20
Due to continual improvement, specifications are subject to change without notice
www.reed-sensor.com
25 December 2006
Reed Relays and Electronics India Limited info@reed-switch.com Tel 91-44-6528-4022
MS-105 Micro-miniature Reed Sensor Actuation Distances
Operate and release distances for the MS-105 reed sensor in the three standard AT bands when actuated (as shown in the sketches) with NdFeB standard magnets is shown below. All distances given are in mm with tolerances of 0.5mm. Distances given will vary if the reed sensor leads are cropped after soldering. Although some of the AT band / magnet combinations will produce similar actuating distances, selecting the right AT band and magnet for an application is important and can be done by going through our AT band FAQ and our magnet selection guide. MS-105-1 (10-15 AT) Actuation Sketch
Magnet NDR-T NDC-T NDR-S NDC-S NDR-M NDC-M NDR-L NDC-L
Dimensions 4.0 x 1.5 x 1.5 O2.0 x 4.0 6.0 x 2.5 x 2.5 O3.0 x 7.0 8.0 x 3.0 x 3.0 O4.0 x 10.0 19.0 x 4.0 x 4.0 O8.0 x 15.0
Operate Distance 1.5 - 2.5 2.0 - 3.5 6.5 - 8.0 8.0 - 9.5 8.0 - 11.0 9.5 - 13.0 15.5 - 19.5 24.5 - 30.0
Release Distance 2.5 - 3.5 3.0 - 4.5 7.5 - 8.5 8.5 - 10.0 10.0 - 12.5 11.5 - 14.5 17.0 - 22.0 27.0 - 33.0
MS-105-2 (15-20 AT) Actuation Sketch
Magnet NDR-T NDC-T NDR-S NDC-S NDR-M NDC-M NDR-L NDC-L
Dimensions 4.0 x 1.5 x 1.5 O2.0 x 4.0 6.0 x 2.5 x 2.5 O3.0 x 7.0 8.0 x 3.0 x 3.0 O4.0 x 10.0 19.0 x 4.0 x 4.0 O8.0 x 15.0
Operate Distance 1.5 - 2.0 2.0 - 3.0 6.0 - 6.5 7.0 - 8.0 8.0 - 9.0 9.0 - 10.5 14.5 - 15.5 22.5 - 25.0
Release Distance 2.5 - 3.0 3.0 - 3.5 7.0 - 7.5 8.5 - 9.0 9.5 - 10.0 11.0 - 11.5 17.0 - 19.0 27.0 - 29.0
MS-105-3 (20-25 AT) Actuation Sketch
Magnet NDR-T NDC-T NDR-S NDC-S NDR-M NDC-M NDR-L NDC-L
Dimensions 4.0 x 1.5 x 1.5 O2.0 x 4.0 6.0 x 2.5 x 2.5 O3.0 x 7.0 8.0 x 3.0 x 3.0 O4.0 x 10.0 19.0 x 4.0 x 4.0 O8.0 x 15.0
Operate Distance 1.0 - 1.5 1.5 - 2.5 5.0 - 6.0 6.0 - 6.5 7.0 - 8.0 8.0 - 9.0 12.5 - 14.5 20.5 - 23.0
Release Distance 2.0 - 2.5 2.5 - 3.5 6.5 - 7.0 7.5 - 8.5 9.0 - 10.0 10.5 - 11.5 16.0 - 18.0 25.0 - 27.5
Due to continual improvement, specifications are subject to change without notice
www.reed-sensor.com
30 September 2006
Reed Relays and Electronics India Limited info@reed-switch.com Tel 91-44-6528-4022


▲Up To Search▲   

 
Price & Availability of MS-105-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X